PART |
Description |
Maker |
PI49FCT2805BTH PI49FCT806BTH PI49FCT2805ATS PI49FC |
12-Bit, 3Msps, Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Five Distributed-Output Clock Driver 12-Bit, 1.25Msps, Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 14-Bit, 2.2 Msps,Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 12-Bit, 1.25Msps, 55mW Sampling A/D Converter; Package: SO; No of Pins: 28; Temperature Range: -40°C to 85°C Fast CMOS Buffer/Clock Driver
|
Pericom Technology Pericom Semiconductor C...
|
AD7484 AD7484BST EVAL-AD7484CB EVAL-CONTROLBRD2 |
3MSPS/ 14-Bit SAR ADC 3MSPS, 14-Bit SAR ADC 3MSPS4位SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1410 LTC1410C LTC1410CG LTC1410CSW LTC1410I LTC |
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 12-Bit/ 1.25Msps Sampling A/D Converter with Shutdown 12-Bit, 1.25Msps Sampling A/D Converter with Shutdown From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
5962-9063201M3A 5962-9063201MLA 5962-9317901MLA AD |
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP24 LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQCC28 CMOS, Complete 12-bit, 100kHz, Sampling ADC with ±10V Input Signal Range Complete 12-Bit, 100 kHz, Sampling ADC (AD7870/AD7870A)
|
Analog Devices, Inc.
|
MAX1110212 MAX1110312 MAX1110512 MAX1111712 |
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
|
Maxim Integrated Products
|
MAX11131ATI |
3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
|
Maxim Integrated Produc...
|
AD7276 AD7276BRM AD7276BUJ-REEL AD7277BRM AD7277BU |
3MSPS/12-/10-/8-Bit ADCs in 6-Lead TSOT 3MSPS12-/10-/8-Bit ADCs in 6-Lead TSOT 3MSPS,12-/10-/8-Bit ADCs in 6-Lead TSOT
|
AD[Analog Devices]
|
MAX11329V1 MAX11331 MAX11332 MAX11330 MAX11330ATJ |
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
|
Maxim Integrated Products Maxim Integrated Produc...
|
LTC1272-8CCS LTC1272-8CCN LTC1272-3ACS LTC1272-8AC |
12-Bit/ 3us/ 250kHz Sampling A/D Converter 12-Bit, 3us, 250kHz Sampling A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC15941 LTC1594CS LTC1594ISPBF |
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters 4-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Linear Technology, Corp.
|